PART |
Description |
Maker |
308CL-02500-A-200 310CL-02500-A-200 308CL-01500-A- |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset HEATSINK 0.9C/W HEATSINK 1.7C/W
|
散热
|
AEC-6646-A1-1010 |
Intel? Core i Desktop LGA1155 Socket CPU Support(Maximum 65W CPU)
|
AAEON Technology
|
PCF80C552-5-24WP/07 PCB80C552-5-16WP/07 P83C552KBB |
Single-chip 8-bit microcontroller IC-SM-8-BIT CPU MICROCONTROLLER|8-BIT|8051 CPU|CMOS|QFP|80PIN|PLASTIC MICROCONTROLLER|8-BIT|8051 CPU|CMOS|LDCC|68PIN|PLASTIC IC-SM-CPU 集成电路钐的CPU
|
NXP Semiconductors N.V.
|
S7231-45R |
SMT SPRING CONTACT (1.28mm HIGH) IN TAPE AND REEL
|
Harwin Plc
|
0354076502 35407-6102 SD-35407-002 |
2.28mm (.090") Terminal, Female, 0.85-1.25 AVSS, 0.25mm (.010") Thickness 2.28mm (.090) Terminal, Female, 0.85-1.25 AVSS, 0.25mm (.010) Thickness
|
Molex Electronics Ltd.
|
SOM-2355F-LEA1E |
AMD Geode垄芒 LX800 CPU SOM-144 Module with CPU, VGA/LCD, LAN AMD Geode LX800 CPU SOM-144 Module with CPU, VGA/LCD, LAN
|
Advantech Co., Ltd.
|
0352821210 |
2.28mm (.090) Tab Wire-to-Wire Uniconn Housing, Male, 12 Circuits 2.28mm (.090") Tab Wire-to-Wire Uniconn Housing, Male, 12 Circuits
|
Molex Electronics Ltd.
|
0358972415 35897-2415 |
1.02/2.28mm (.040/.090") Tab, Hybrid Wire-to-Wire Housing, Male, 24 Circuits 1.02/2.28mm (.040/.090) Tab, Hybrid Wire-to-Wire Housing, Male, 24 Circuits
|
Molex Electronics Ltd.
|
SD-49036-001 0490360410 |
3.80mm (.150) Pitch, Wire-to-Wire Uniconn Female Housing, for 2.28mm (.090) Diameter Terminal, White 3.80mm (.150") Pitch, Wire-to-Wire Uniconn Female Housing, for 2.28mm (.090") Diameter Terminal, White
|
Molex Electronics Ltd.
|
ST62E30BF1 ST6230BM1/XXX ST62P30BM3/XXX ST62P30BM6 |
MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|DIP|28PIN|CERAMIC MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|SOP|28PIN|PLASTIC IC, 60FBGA, 512MBIT DDR DRAM 60 PIN BGA 32MBX16 MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|DIP|28PIN|PLASTIC IC, MEM, SDRAM DDR166, 32 MEG X 16, 16 BIT, 6NS, 2.5V, FBGA60 单片机| 8位| ST6200的CPU |的CMOS |专科| 28脚|塑料
|
Black Box, Corp.
|
35282-0610 |
2.28mm (.090) Tab Wire-to-Wire Uniconn Housing, Male, 6 Circuits
|
Molex Electronics Ltd.
|
|